PART |
Description |
Maker |
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
MB3883 MB388302 MB3883PFV MB3883PV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Component Limited.
|
LTC1709EG-9 LTC1709-9 LTC1709-8 LTC1709EG-8 170989 |
CHOKE COIL 33UH 260MA SMD From old datasheet system 2-Phase/ 5-Bit VID/ Current Mode/ High Efficiency/ Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID,Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
MP2303DQ |
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter 6.3 A SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO10 3A, 28V, 340KHz Synchronous Rectified Step-Down Converter A8V的,340KHz的同步整流降压转换器
|
Monolithic Power Systems, Inc.
|
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
LTC1709-85 LTC1709-7 LTC1709 1709F |
2-Phase, 5-Bit Adjustable,High Efficiency, Synchronous Step-Down Switching Regulator From old datasheet system 2-Phase, 5-Bit Adjustable Switching Regulator 2-Phase, Mobile VID, High Efficiency, Synchronous Step-Down Switching Regulator 2-Phase, VRM8.4, High Efficiency, Synchronous Step-Down Switching Regulator
|
Linear Technology
|
R123.D001A R123.D181A R123.D181A-TR R123.D001A-TL |
PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier 0.8 A SWITCHING REGULATOR, 920 kHz SWITCHING FREQ-MAX, PDSO8 PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier 脉宽调制/ VFM的降压型DC / DC同步整流转换 PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier 0.8 A SWITCHING REGULATOR, 575 kHz SWITCHING FREQ-MAX, PDSO8
|
RICOH electronics devices division Ricoh Co., Ltd.
|
ADP2119 ADP2120 |
2A, 1.2MHz Synchronous Step-Down DC-to-DC Regulator 1.25A, 1.2MHz Synchronous Step-Down DC-to-DC Regulator
|
Analog Devices
|
LTC3406ES5 LTC3406ES5-1.5 LTC3406ES5-1.8 LTC3406 L |
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT 1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.25 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|